Part Number Hot Search : 
AD9235 M3R16FAJ LT357 100LT G5642 TC500ACP AN4242 B40FS
Product Description
Full Text Search
 

To Download 1N4148 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4148/1N4448 Surface Mount Switching Diodes
Features: *Silicon Epitaxial Planner Diode *Fast Switching Diodes *500 mW Power Dissipation Mechanical Data: *Case : DO-35 Glass Case *Weight : Approx 0.13 gram
SMALL SIGNAL SWITCHING DIODES 150 m AMPERES 100 VOLTS
DO-35
DO-35 Outline Dimensions
Unit:mm
C D
A
B
A
A DIM DO-35 Min 26.0 Max Min -
B Max 4.20 Min -
C Max 0.55 Min -
D Max 2.0
http//www.weitron.com.tw
WEITRON
1N4148/1N4448
Maximum Ratings
Characteristic
Non-Repetitive Peak Voltage Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Average Rectified Output Current (1) Non-Repetitive Peak Forward Surge Current @t=1.0us Power Dissipation Thermal Resistance Junction to Ambient Operating and Strorage Temperature Range
( TA=25 C Unless otherwise noted)
Symbol
VRM VPWM VRWM VR IO IFSM Pd R JA T J ,T S T G
1N4148/ 1N4448
100 75 150 2.0 500 300 -65 to +175
Unit
V V mA A mW K/W C
Electrical Characteristics
Characteristic
Reverse Breakdown Voltage IR= 100 ua Forward Voltage IF=10 mA 1N4148 1N4448 IF=5 mA IF=100 mA Leakage C urrent VR=20V VR=75V VR=75V, Tj=150 C Junction Capacitance Reverse Recovery Time IF=10 mA, IR=1mA, VR=6V, RL=100
( TA=25 C Unless otherwise noted) Symbol
V(BR)R
Min
100
Max
-
Unit
V
VF
0.62
1.0 0.72 1.0 25 5 50 4 4
V
IR
-
nA
Cj Trr
PF nS
Note: 1.Valid Provided that device Terminals are Kept at Ambient Temperature.
http//www.weitron.com.tw
WEITRON
1N4148/1N4448
60
D.U.T. V R F =2V 2nF 5K VO
nA 104
103
RECITIFICATION EFFICIENCY MEASUREMENT CIRCUIT
102
10 VR=20V 1 0 100 200 C
FIG 1, LEAKAGE CURRENT VERSUS JUNCTION TEMPERATURE
A
100
V =tp /T T =1/fp
IFRM 10
n=0
0.1
tp
IF R M
T
1
0.2 0.5
0.1 10-4 10-3 10-2 10-4 tp 10-1 1 10S
FIG 2, ADMISSIBLE REPETITIVE PEAK FORWARD CURRENT VERSUS PULSE DURATION
http//www.weitron.com.tw
WEITRON
1N4148/1N4448
mA 103
104 TJ=25 C f=1KHz
102 IF 10 TJ=100 C TJ=25 C TF
10
3
102 1 10-1 10-2 10
0
1 VF
2V
1
10-2
10-1
1
10 IF
102
mA
FIG 3, FORWARD CHARACTERISTICS
FIG 4, DYNAMIC FORWARD RESISTANCE VERSUS FORWARD CURRENT
mW 1000 900 800 Ptot 700 600 500 400 300 200 100 0 0 100 TA 200 C
1.1
TJ=25 C f=1MHz
Ctot(VR) Ctot(DV)
1.0 0.9 0.8 0.7 0 2 4 6 8
VR
10 V
FIG 5, ADMISSIBLE POWER DISSIPATION VERSUS AMBIENT TEMPERATURE
FIG 6, RELATIVE CAPACITANCE VERSUS VOLTAGE
http//www.weitron.com.tw
WEITRON


▲Up To Search▲   

 
Price & Availability of 1N4148

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X